PART |
Description |
Maker |
PPN0500B 542AB0500 915AB0500MBP |
HEATSINK TO220/218 5.0C/W Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits HEATSINK TO220/218 5.8C/W 散热片TO220/218 5.8摄氏
|
KEMET Corporation
|
TIP2955G |
Bipolar Power T0218 PNP 15A 60V; Package: SOT-93 (T0-218) 4 LEAD; No of Pins: 3; Container: Rail; Qty per Container: 30 15 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-218
|
ON Semiconductor
|
CQ218I-40N CQ218I-40B CQ218I-40D CQ218I-40M |
Connector assemblies, Network cables; 600 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 LEVEL 7 PATCH CABLES SNAGLESS, 200 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 Connector assemblies, Network cables; 800 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 ISOLATED TAB TRIAC 40 AMP Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp]
|
TPDV225 TPDV125 TPDV425 |
TRIAC|200V V(DRM)|25A I(T)RMS|TO-218 可控硅| 200伏五(DRM)的| 25A条口(T)的有效值|18 TRIAC|400V V(DRM)|25A I(T)RMS|TO-218
|
Delta Electronics, Inc.
|
2SC4430L-YD 2SC3038L-CB 2SC4428L-YD 2SC4428L-YC 2S |
4 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220 TO-220, 3 PIN 3 A, 800 V, NPN, Si, POWER TRANSISTOR, TO-218 4 A, 500 V, NPN, Si, POWER TRANSISTOR, TO-218 4.5 A, 800 V, NPN, Si, POWER TRANSISTOR, TO-218 7 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220 0.2 A, 800 V, NPN, Si, POWER TRANSISTOR, TO-220 12 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220 6 A, 800 V, NPN, Si, POWER TRANSISTOR, TO-218 10 A, 500 V, NPN, Si, POWER TRANSISTOR, TO-218 7 A, 500 V, NPN, Si, POWER TRANSISTOR, TO-218 8 A, 800 V, NPN, Si, POWER TRANSISTOR 1.5 A, 800 V, NPN, Si, POWER TRANSISTOR, TO-218 16 A, 400 V, NPN, Si, POWER TRANSISTOR 15 A, 500 V, NPN, Si, POWER TRANSISTOR, TO-218 12 A, 800 V, NPN, Si, POWER TRANSISTOR, TO-218 25 A, 500 V, NPN, Si, POWER TRANSISTOR 25 A, 400 V, NPN, Si, POWER TRANSISTOR
|
Panasonic, Corp. Unisonic Technologies Co., Ltd. Central Semiconductor, Corp. TT electronics Semelab, Ltd. Electronic Theatre Controls, Inc. Rohm Co., Ltd. SANYO SEMICONDUCTOR CO LTD
|
BDV65A |
12 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-218
|
CENTRAL SEMICONDUCTOR CORP
|
BUV48 |
15 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-218
|
CENTRAL SEMICONDUCTOR CORP
|
BAT721 1PS76SB21 1PS76SB21-15-15 BAT721C BAT721S B |
Planar Schottky barrier diodes with an integrated guard ring for stress protection. Encapsulated in small Surface-Mounted Device (SMD) plastic packages. Schottky barrier diodes in small packages
|
NXP Semiconductors
|
0218.125MX8810P 0218.315HXP 0218.315MRET1P 0218.31 |
218 Series, 5 x 20 mm, Time-Lag (Slo-Blo?) Fuse
|
Littelfuse
|
|